PART |
Description |
Maker |
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ADM2490E |
5 kV Signal Isolated, High Speed (16 Mbps), ESD Protected, Full Duplex RS-485 Transceiver
|
Analog Devices
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ADM1490E ADM1491E |
5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver 5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver (with Driver/Receiver Enable)
|
Analog Devices
|
EBOX832-831 |
High performance with full feature I/O
|
Axiomtek Co., Ltd.
|
LAN91C100-FD LAN91C100FDREVD |
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 2 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP208
|
SMSC Corporation SMSC, Corp.
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
SP490 SP490CN SP490CN_TR SP490CS SP490EN SP491CN_T |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
SP1490EENTR SP1491EENTR SP1491ECN_TR SP1491ECN SP1 |
Full Duplex RS-485 Transceivers
|
Sipex Corporation
|
ADN4693EBRZ ADN4693EBRZ-RL7 EVAL-ADN469XEFDEBZ ADN |
3.3 V, 200 Mbps, Half- and Full-Duplex
|
Analog Devices
|
|